Part Number Hot Search : 
0M100 S9504 05A19 A102E TF201 0M0000 KAL250 AM5460N
Product Description
Full Text Search
 

To Download MMSZ3V3B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20110725 h mmsz series 500mw sod-123fl surface mount flat lead surface mount plastic package zener voltage regulators absolute maximum ratings t a = 25c unless otherwise noted symbol parameter value units p d power dissipation 500 mw t stg storage temperature range -65 to +150 c t opr operating temperature range -65 to +150 c these ratings are limiting values above which the serviceability of the diode may be impaired. specification features: ? wide zener voltage range selection, 2.4v to 75v ? vz tolerance selection of 2% (b series) ? flat lead sod-123 plastic package ? surface device type mounting ? moisture sensitivity level 1 ? clip bonding construction, good thermal capability ? pb free version and rohs compliant ? matte tin(sn) lead finish with nickel(ni) underplate ? band indicates cathode electrical characteristics t a = 25c unless otherwise noted v z @ i zt (volts) device type device marking min nom max i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) mmsz2v4b 2v4b 2.35 2.4 2.45 5 94 1 564 45 1 mmsz2v7b 2v7b 2.65 2.7 2.75 5 94 1 564 18 1 mmsz3v0b 3v0b 2.94 3.0 3.06 5 89 1 564 9 1 MMSZ3V3B 3v3b 3.23 3.3 3.37 5 89 1 564 4.5 1 mmsz3v6b 3v6b 3.53 3.6 3.67 5 84 1 564 4.5 1 mmsz3v9b 3v9b 3.82 3.9 3.98 5 84 1 564 2.7 1 mmsz4v3b 4v3b 4.21 4.3 4.39 5 84 1 564 2.7 1 mmsz4v7b 4v7b 4.61 4.7 4.79 5 75 1 470 2.7 2 mmsz5v1b 5v1b 5.00 5.1 5.20 5 56 1 451 1.8 2 mmsz5v6b 5v6b 5.49 5.6 5.71 5 37 1 376 0.9 2 mmsz6v2b 6v2b 6.08 6.2 6.32 5 9 1 141 2.7 4 mmsz6v8b 6v8b 6.66 6.8 6.94 5 14 1 75 1.8 4 mmsz7v5b 7v5b 7.35 7.5 7.65 5 14 1 75 0.9 5 mmsz8v2b 8v2b 8.04 8.2 8.36 5 14 1 75 0.63 5 mmsz9v1b 9v1b 8.92 9.1 9.28 5 14 1 94 0.45 6 mmsz10vb 10vb 9.80 10 10.20 5 18 1 141 0.18 7 mmsz11vb 11vb 10.78 11 11.22 5 18 1 141 0.09 8 mmsz12vb 12vb 11.76 12 12.24 5 23 1 141 0.09 8 mmsz13vb 13vb 12.74 13 13.26 5 28 1 160 0.09 8 mmsz15vb 15vb 14.70 15 15.30 5 28 1 188 0.045 10.5 mmsz16vb 16vb 15.68 16 16.32 5 37 1 188 0.045 11.2 mmsz18vb 18vb 17.64 18 18.36 5 42 1 212 0.045 12.6 mmsz20vb 20vb 19.60 20 20.40 5 51 1 212 0.045 14.0 electrical symbol cathode anode sod-123 flat lead
http://www.yeashin.com 2 rev.02 20110725 mmsz series electrical characteristics t a = 25c unless otherwise noted v z @ i zt (volts) device type device marking min nom max i zt (ma) z zt @ i zt ( ? ) max i zk (ma) z zk @ i zk ( ? ) max i r @ v r ( a) max v r (volts) mmsz22vb 22vb 21.56 22 22.44 5 51 1 235 0.045 15.4 mmsz24vb 24vb 23.52 24 24.48 5 65 1 235 0.045 16.8 mmsz27vb 27vb 26.46 27 27.54 5 75 0.5 282 0.045 18.9 mmsz30vb 30vb 29.40 30 30.60 5 75 0.5 282 0.045 21.0 mmsz33vb 33vb 32.34 33 33.66 5 75 0.5 306 0.045 23.0 mmsz36vb 36vb 35.28 36 36.72 5 84 0.5 329 0.045 25.2 mmsz39vb 39vb 38.22 39 39.78 5 122 0.5 329 0.045 27.3 mmsz43vb 43vb 42.14 43 43.86 5 141 0.5 353 0.045 30.1 mmsz47vb 47vb 46.06 47 47.94 5 160 0.5 353 0.045 33.0 mmsz51vb 51vb 49.98 51 52.02 5 169 0.5 376 0.045 35.7 mmsz56vb 56vb 54.88 56 57.12 5 188 0.5 400 0.045 39.2 mmsz62vb 62vb 60.76 62 63.24 5 202 0.5 423 0.045 43.4 mmsz68vb 68vb 66.64 68 69.36 5 226 0.5 447 0.045 47.6 mmsz75vb 75vb 73.50 75 76.50 5 240 0.5 470 0.045 52.5 v f forward voltage = 900mv maximum @ i f = 10 ma for all types notes: 1. the zener voltage ( v z ) is tested under pulse condition of 10ms. 2. the device numbers listed have a standard tolerance on the nominal zener voltage of 2%. 3. for detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighte r voltage tolerances, contact your nearest y s terhnology representative. 4. the zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current ( i zt or i zk ) is superimposed to i zt or i zk.
http://www.yeashin.com 3 rev.02 20110725 mmsz series device characteristics fig.1 typical forward voltage fig.2 effect of zener voltage on zener impedance 0 100 200 300 400 500 600 0 25 50 75 100 125 150 175 200 temperature [ ] power passipation, mw fig.3 power dissipation vs. ambient temp. fig.4 typical capacitance fig.5 zener breakdown characteristics fig.6 zener breakdown characteristics
http://www.yeashin.com 4 rev.02 20110725 mmsz series package outline & dimensions fig.7 typical leakge current flat lead sod-123 package outline


▲Up To Search▲   

 
Price & Availability of MMSZ3V3B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X